Part Number Hot Search : 
KBP06 NE560 DT70V CMPZ4115 LPC768 75EUK2 MC6808 PL001
Product Description
Full Text Search
 

To Download GDX-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  option code GDX-2c GDX-2t product parameters ? standard. ? optional - please specify required code(s) when ordering crystals for dallas semiconductors gdx-1 & GDX-2 4.65 (max) 11.05 (max) 4.88 12.00 (min) 0.43? 13.46 (max) 0.70 0.20 0.26? 0.05 6.10 0.20 6.00 0.20 1.90? 0.10 features ? custom specification for dallas rtcs ? ultra miniature for maximum space saving features ? customised for dallas jitter attenuator ? both t1 and cept versions option codes gdx-1 product parameters gdx-1 GDX-2 specifications specifications GDX-2c: cept version GDX-2t: t1 version package: 2x6mm cylinder ? frequency: 32.768khz ? calibra tion tolerance: 20ppm ? 10ppm ? a oper ating temperature range: -10 to +60c ? circuit condition: 6pf ? st atic capacitance (c 0 ): 1.2pf typ ? e quivalent series resistance (max): 42k ? ageing: 3ppm max fir st year ? drive level: 1.0 w max ? t urnover temperature (t 0 ): +25c 5 ? fr equency / temp coefficient: -0.034ppm0.006/c 2 typ ? package: hc49 ?? ? frequency: 8.192mhz ? 6.176mhz ? calibration tolerance: 50ppm ?? ? temperature stability: 100ppm ? 50ppm ? operating temperature range: -20 t o +70c ?? ? circuit condition: 14 ~ 20pf ?? ? static capacitance (c 0 ): 7pf max ?? ? equivalent series resistance (max): 40 ?? ? ageing: 3ppm max fir st year ?? ? drive level: 2.0mw max ?? ? 09 mar 2016


▲Up To Search▲   

 
Price & Availability of GDX-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X